Part Number Hot Search : 
MBT3904 FR101 B530C T106M1 9NC60 LX1973 MC74AC 2V181HJ
Product Description
Full Text Search
 

To Download PS150R04 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 DATA SHEET
PS150R~PS1510R
FAST SWITCHING PLASTIC RECTIFIER VOLTAGE
FEATURES
* High current capability.
1.0(25.4)MIN.
.034(.86) .028(.71)
50 to 1000 Volts
CURRENT
1.5 Amperes
DO-15
Unit: inch(mm)
* Plastic package has Underwriters Laboratory Flammability Classification 94V-O utilizing Flame Retardant Epoxy Molding Compound. * Low leakage. * Exceeds environmental standards of MIL-S-19500/228 * Fast switching for high efficiency.
.300(7.6)
* Pb free product are available : 99% Sn above can meet Rohs environment substance directive request
.230(5.8)
.140(3.6)
MECHANICALDATA
Case: Molded plastic, DO-15 Terminals: Axial leads, solderable to MIL-STD-202G,Method 208 Polarity: Color Band denotes cathode end Mounting Position: Any Weight: 0.015 ounce, 0.4 gram
MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS
Ratings at 25C ambient temperature unless otherwise specified. Resistive or inductive load, 60Hz.
PA R A M E TE R M a xi um R e curre nt P e a k R e ve rse V o l a g e m t M a xi um R M S V o l a g e m t M a xi um D C B l cki g V o l a g e m o n t M a xi um A ve ra g e F o rw a rd C urre nt . 7 5 "(9 . m m ) m 3 5 l a d l ng t a t T A = 5 5 O C e e h P e a k F o rw a rd S urg e C urre nt : 8 . m s si g l ha l 3 ne f si e -w a ve sup e ri p o se d o n ra t d l a d (JE D E C n m eo m et od) h M a xi um F o rw a rd V o l a g e a t 1 . A m t 5 M a xi um D C R e ve rse C urre nt T A = 2 5 O C m a t R a t d D C B l cki g V o l a g e T A = 1 0 0 O C e o n t M a xi um R e ve rse R e co ve ry Ti e (N o t 1 ) m m e Typ i a l Junct o n ca p a ci a nce (N o t 2 ) c i t e Typ i a l T he rm a l R e si t nce (N o t 3 ) c sa e O p e ra t ng Junct o n a nd S t ra g e Te m p e ra t re R a ng e i i o u S Y M B O L P S 150R P S 151R P S 152R V RRM V RM S VDC
A IV
1.0(25.4)MIN.
.104(2.6)
P S 154R 400 280 400 1. 5
P S 156R P S 158R 600 420 600 800 560 800
P S 1510R 1000 700 1000
UNI S T V V V A
50 35 50
100 70 100
200 140 200
I SM F
50
A
VF
1. 3 5. 0 500 150 25 40 -5 5 T O + 1 5 0
O
V
I R
uA
TR R CJ R JA TJ, S TG T
250
500
ns pF C /W
O
C
NOTES:1. Reverse Recovery Test Conditions: IF=.5A, IR=1A, Irr =.25A 2. Measured at 1 MHz and applied reverse voltage of 4.0 VDC 3. Thermal resistance from junction to ambient and from junction to lead length 0.375"(9.5mm) P.C.B. mounted
STAD-NOV.17.2004
PAGE . 1
RATING AND CHARACTERISTIC CURVES
10
AVERAGE FORWARD RECTIFIED CURRENT AMPERES
3.0
2.5
1
SINGLE PHASE HALF WAVE 60Hz RESISTIVE OR INDUCTIVE LOAD .375" (9.5mm) LEAD LENGTH
FORWARD CURRENT, AMPERES
10
0
2.0
1.5
10
-1
1.0
0.5
10 -2
10 -3
T A =25 OC
0 0 50 100
O
150
10 -4
0.4 0.6 0.8 1.0 1.2
AMBIENT TEMPERATURE, C
FORWARD VOLTAGE,VOLTS
FIG.1 FORWARD CURRENT DERATING CURVE
FIG.2 TYPICAL FORWARD CHARACTERISTICS
100
70
PEAK FORWARD SURGE CURRENT, AMPERES
10 20 40 100
60
50 40 30 20 10
40
CAPACITANCE,pF
20
10
4 2
T=25 C J f=1.0MHz Vsig=50mVp-p
O
1 1 2 4
1
5
10
20
50
100
REVERSE VOLTAGE, VOLTS
NO. OF CYCLES AT 60Hz
FIG.3 TYPICAL JUNCTION CAPACITANCE
FIG.4 MAX NON-REPETITIVE SURGE CURRENT
STAD-NOV.17.2004
PAGE . 2


▲Up To Search▲   

 
Price & Availability of PS150R04

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X